Part Number Hot Search : 
SGM8621 1452A 02010 02010 HFD3080 7MBP100 2N4903 AAT31
Product Description
Full Text Search
 

To Download BPR-105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bright led electronics ? device number: bpr - 105 ? absolute maximum rating (ta=25 j ) page: 2 version: 1.0 item symbol rating unit power dissipation pd 75 mw reverse voltage v r 5 v forward current i f 50 ma input peak forward current (*1) i fp 1 a collector power dissipation p c 100 mw collector current i c 20 ma c - e voltage v ceo 30 v output e - c voltage v eco 5 v operating temperature topr - 25 ~ +85 j storage temperature tstg - 40 ~ +100 j soldering temperature (*2) tsol 260 j (*1) tw=100 usec. ?b t=10 msec. (*2) t=5 sec ? electrical optical characteristics (ta=25 j ) parameter symbol condition min. typ. max. unit bin no. forward voltage v f i f = 20ma ?x 1.2 1.5 v reverse current i r v r =5v ?x ?x 100 g a input peak wavelength f p i f =10ma 940 nm dark current i d v ce =10v ?x ?x 200 na output c - e saturation voltage v ce(sat) i c =0.25ma i f =10ma ?x ?x 0.4 v 80 ?x 240 bin a ( a|aaio ) 160 ?x 480 bin b ( ?|aaio ) 320 ?x 960 bin c ( ?|aaio ) light current i l v ce =5v i f =10ma d=1.0mm (90% reflect ive white paper) 640 ?x 1920 g a bin d ( ??|aaio ) rise time tr ?x 20 ?x g sec speed fall time tf i fp =20ma v ce =5v r l =1000 [ ?x 20 ?x g sec
bright led electronics ? device number : bpr - 105 ? package dimensions page: 3 version: 1.1 notes: 1. all dimensions are in millimeters (inches). 2. tolerance is k 0.25mm unless otherwise specified. 3. lead spacing is measured where the leads emerge from the package. 4. specifications are subject to change without notice.
bright led electronics ? device number: bpr - 105 ? typical electrical / optical characteristics curves (ta=25 j ) page: 4 version: 1.0
bright led electronics ? device number: bpr - 105 ? typical electric / optical characteristics curves (ta=25 j ) page: 5 version: 1.0


▲Up To Search▲   

 
Price & Availability of BPR-105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X